PART |
Description |
Maker |
ISL54233IRTZ ISL54233IRTZ-T ISL54233IRUZ-T ISL5423 |
Wideband Differential 3:1 Multiplexer
|
Intersil Corporation
|
AD8015 |
Wideband/Differential Output Transimpedance
|
Analog Devices
|
UPC1663 UPC1663G-E1 UPC1663GV-E1 |
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
|
NEC[NEC]
|
MAX4448 MAX4449 MAX4449ESE MAX4447 MAX4447ESE MAX4 |
6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable 6500V/レs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable 6500V/µs, Wideband, High-Output-Current, Single-Ended-to-Differential Line Drivers with Enable
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ML13158 |
Wideband FM IF Subsystem For Dect and Digital Applications
|
LANSDALE Semiconductor Inc. LANSDALE Semiconductor ...
|
MAX1121EGK-D |
1.8V, 8-Bit, 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
|
MAXIM - Dallas Semiconductor
|
MAX1124EGK MAX1124 |
1.8V, 10-Bit, 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX1122BEGK-TD |
1.8V, 10-Bit, 170Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
|
MAXIM - Dallas Semiconductor
|
MCP3304TI/P MCP3304TI/SL MCP3304TI/ST MCP3302I/P M |
The MCP3304 13-bit Analog to Digital Converter (ADC) features full differential inputs and low power consumption in a small package ... The MCP3302 13-bit Analog to Digital Converter (ADC) features full differential inputs and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
|
Microchip Technology Inc.
|
HI1-0539-5 HI-539 HI-539_03 |
Analog Multiplexer, 4-Channel Differential, Wideband, Precision, Low Level Precision, 4-Channel, Low-Level, Differential Multiplexer
|
INTERSIL[Intersil Corporation]
|